Part Number Hot Search : 
96SA20TA CER3010 ST6020A 357NT ADP3300 SDL400 LLSD101C NDS8858H
Product Description
Full Text Search
 

To Download BZY97C200GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZY97C10 GP........ BZY97C200 GP
1.5 W Zener Diodes
Dimensions in mm. DO-41 (Plastic)
Voltage 10 to 200 V Power 1.5 W
5 0.2 58.5 0.5
Mounting instructions 1. Min. distance from body to soldering point, 4 mm. 2. Max. solder temperature, 350 C. 3. Max. soldering time, 3.5 sec. 4. Do not bend lead at a point closer than 2 mm. to the body.
* Diffused junction * The plastic material carries U/L recognition 94 V-0 * Terminals: Axial Leads * Polarity: Color band denotes cathode
Maximum Ratings, according to IEC publication No. 134
Ptot PZSM Tj Tstg Power dissipation at Tamb = 60 oC Non repetitive peak zener dissipation (t = 10 ms.) Operating temperature range Storage temperature range 1.5 W 40 W - 55 to + 175 C - 55 to + 175 C
Electrical Characteristics at Tamb = 25C
VF Rthj-a Max. forward voltage drop at IF = 1.0 A Max. thermal resistance at 10 mm. lead length 1.1 V 50 C/W
Oct - 02
BZY97 GP
Type
Zener Voltage Range VZ at IZT
Maximum Zener Impedance ZZT at IZT
Typical Temperature Coefficient at IZT
Test Current IZT
Min. Reverse Voltage at IR = 1 A VR
(V) BZY97C10 GP BZY97C11 GP BZY97C12 GP BZY97C13 GP BZY97C15 GP BZY97C16 GP BZY97C18 GP BZY97C20 GP BZY97C22 GP BZY97C24 GP BZY97C27 GP BZY97C30 GP BZY97C33 GP BZY97C36 GP BZY97C39 GP BZY97C43 GP BZY97C47 GP BZY97C51 GP BZY97C56 GP BZY97C62 GP BZY97C68 GP BZY97C75 GP BZY97C82 GP BZY97C91 GP BZY97C100 GP BZY97C110 GP BZY97C120 GP BZY97C130 GP BZY97C150 GP BZY97C160 GP BZY97C180 GP BZY97C200 GP 9.4 - 10.6 10.4 - 11.6 11.4 - 12.7 12.4 - 14.1 13.8 - 15.8 15.3 - 17.1 16.8 - 19.1 18.8 - 21.2 20.8 - 23.3 22.8 - 25.6 25.1 - 28.9 28 - 32 31 - 35 34 - 38 37 - 41 40 - 46 44 - 50 48 - 54 52 - 60 58 - 66 64 - 72 70 - 79 77 - 88 85 - 96 94 - 106 104 - 116 114 - 127 124 - 141 138 - 156 153 - 171 168 - 191 188 - 212
() 4 7 7 10 10 15 15 15 15 15 15 15 15 40 40 45 45 60 60 80 80 100 100 200 200 250 250 300 300 350 350 350
(% / oC) + 0.070 + 0.075 + 0.075 + 0.075 + 0.075 + 0.085 + 0.085 + 0.085 + 0.085 + 0.085 + 0.085 + 0.085 + 0.085 + 0.085 + 0.085 + 0.095 + 0.095 + 0.095 + 0.095 + 0.105 + 0.105 + 0.105 + 0.105 + 0.11 + 0.11 + 0.11 + 0.11 + 0.11 + 0.11 + 0.11 + 0.11 + 0.11
(mA) 50 50 50 50 50 25 25 25 25 25 25 25 25 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5 5 5 5 5
(V) 5.0 5.0 7.0 7.0 10 10 10 10 12 12 14 14 17 17 20 20 24 24 28 28 34 34 41 41 50 50 60 60 75 75 90 90
Oct - 02
BZY97C GP Characteristic Curves
MAXIMUM CONTINUOUS POWER DISSIPATION
1.8
10mm. - 10mm.
1.5 1.2 0.9 0.6 0.3 0 0 25 50 75 100 125 150 175
Tamb, ambient temperature (C)
THERMAL RESISTANCE
90 80
60
40
20
I
I
0 0 10 20 30 35
I, lead lenght (mm)
Oct - 02
BZY97C GP
BREAKDOWN CHARACTERISTICS 240 200 160 120 80 40 0 01 2 3 4 56 7 8 9 10 11 12 13 14 15
VZ , zener voltage (V) 50mA BZY10 GP BZY12 GP T j = 25 C
60
BZY15 GP BZY18 GP BZY22 GP BZY27 GP BZY33 GP BZY39 GP BZY47 GP 10 mA T j = 25 C
50 40 30 20 10 0 0
IZ = 50 mA Test Current IZ 25 mA
5
10
15
20
25
30
35
40
45
50
VZ , zener voltage (V)
20
BZY56 GP Test Current IZ
10 mA
T j = 25 C
BZY68 GP BZY82 GP BZY100 GP BZY120 GP 5mA
10
BZY150 GP BZY180 GP
BZY200 GP
0 0 50 100
VZ , zener voltage (V)
150
200
Oct - 02
BZY97C GP
1 Tamb = 25C
Relative change of Zener voltage versus turn-on time.
VZ (t) VZ
0.8
0.6
0.4
0.2
0 1 10
10 t (sec.)
2
10
3
100 5 4 0.5 3 2 rthU 10 0.1 5 0.05 4 3 0.02 2 1 5 4 3 2 0.1 -5 10
-4 -3 -2
Pulse thermal resistance versus pulse duration. Valid provided that leads are kept at ambient temperature at a distance of 10mm. from case.
0.2
0.01
tp V= T 10 10 10 10
-1
tp T
PI
1
10
tp (sec.)
Oct - 02


▲Up To Search▲   

 
Price & Availability of BZY97C200GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X